|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LESHAN RADIO COMPANY, LTD. Switching Diode Pb-Free Package is available. LBAS16LT1 Package SOT-23 SOT-23 Shipping 3000/Tape&Reel 3000/Tape&Reel DEVICE MARKING AND ORDERING INFORMATION Device LBAS16LT1 LBAS16LT1G Marking A6 A6 (Pb-Free) 3 1 2 MAXIMUM RATINGS Rating Continuous Reverse Voltage Peak Forward Current Peak Forward Surge Current Symbol VR IF I FM(surge) Value 75 200 500 Unit Vdc mAdc mAdc SOT-23 3 CATHODE 1 ANODE THERMAL CHARACTERISTICS Characteristic Total Device Dissipation FR- 5 Board, (1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C RJA PD RJA TJ , Tstg ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted) Characteristic Symbol IR -- -- -- V (BR) VF -- -- -- -- CD V FR t rr QS -- --- -- 715 855 1000 1250 2.0 1.75 6.0 45 pF Vdc ns pC 75 1.0 50 30 -- Vdc mV Min Max Unit Adc OFF CHARACTERISTICS Reverse Voltage Leakage Current (V R = 75Vdc) (V R = 75 Vdc, T J = 150C) (V R = 25 Vdc, T J = 150C) Reverse Breakdown Voltage (I BR = 100 Adc) Forward Voltage (I F = 1.0 mAdc) (I F = 10 mAdc) (I F = 50 mAdc) (I F = 150 mAdc) Diode Capacitance (V R = 0, f = 1.0 MHz) Forward Recovery Voltage (I F = 10 mAdc, t r = 20ns ) Reverse Recovery Time (I F = I R = 10 mAdc, R L = 50 ) Stored Charge (I F = 10 mAdc to V R= 5.0Vdc, R L = 500 ) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. LBAS16LT1-1/3 LESHAN RADIO COMPANY, LTD. LBAS16LT1 +10 V 820 2.0 k 0.1F tr tp 10% t IF t rr t 100 H IF 0.1 F 50 OUTPUT PULSE GENERATOR D.U.T. 50 INPUT SAMPLING OSCILLOSCOPE 90% V R INPUT SIGNAL IR i R(REC) = 1.0 mA OUTPUT PULSE (I F = I R = 10 mA; MEASURED at i R(REC) = 1.0 mA) Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (I F ) of 10 mA. Notes: 2. Input pulse is adjusted so I R(peak) is equal to 10 mA. Notes: 3. t p t rr Figure 1. Recovery Time Equivalent Test Circuit 100 10 I F , FORWARD CURRENT (mA) T A = 150C T A= 85C 10 I R , REVERSE CURRENT (A) 1.0 T A = 125C TA= - 40C 0.1 T A = 85C T A = 55C 1.0 T A= 25C 0.01 0.1 0.2 0.4 0.6 0.8 1.0 1.2 T A = 25C 0.001 0 10 20 30 40 50 V F , FORWARD VOLTAGE (VOLTS) V R , REVERSE VOLTAGE (VOLTS) Figure 2. Forward Voltage Figure 3. Leakage Current 0.68 C D , DIODE CAPACITANCE (pF) 0.64 0.60 0.56 0.52 0 2 4 6 8 V R , REVERSE VOLTAGE (VOLTS) Figure 4. Capacitance LBAS16LT1-2/3 LESHAN RADIO COMPANY, LTD. LBAS16LT1 SOT-23 NOTES: A L 3 1 2 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. BS DIM A B C D G H J K L S V V G C D H K J INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60 PIN 1. ANODE 2. NO CONECTION 3. CATHODE 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 inches mm LBAS16LT1-3/3 |
Price & Availability of LBAS16LT1G |